Part Number Hot Search : 
VSC8486 KBPC8005 CY7C4 SDV708Q TXN108G D2N120CD 6F37SLTX ST72753
Product Description
Full Text Search
 

To Download KBPC40005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC40005/W THRU KBPC4010/W
Features
* Diffused Junction * Low Reverse Leakage Current * Low Power Loss, High Efficiency * Surge Overload Rating to 400A Peak * Electrically Isolated Metal Case for Maximum Heat Dissipation * High Case Dielectric Strength of 1500VRMS
CURRENT 40.0 Amperes VOLTAGE 50 to 1000 Volts
K B PC
H B E
K B P C -W
H N M L
A
C
(AC)
A
H
(AC)
P
(+)
H
J
(+)
C
(-) (AC)
A
P
(-)
K
(AC)
A
Mechanical Data
* Case : High Conductivity Metal * Terminals : Plated Leads Solderable per MIL-STD-202, Method 208 * Polarity : Symbols Marked on Case * Mounting : Through Hole for #10 Screw * Mounting Torque : 8.0 Inch-pounds Maximum * Weight : KBPC 31.6 grams (approx.) KBPC-W 28.5 grams (approx.) * Mounting Position : Any * Marking : Type Number
G
Dim A B C E G H
K B P C / K B P C -W Min Max Dim Min J 28.40 28.70 17.10 10.40 10.97 11.23 K 15.50 17.60 0.97 O L / M 22.86 25.40 30.50 N 13.30 15.30 10.97 P Hole for #10 screw 17.10 4.85 O 5.59 O / / A ll Dimens ions in mm "W" S uffix Des ignates Wire Leads No S uffix Des ignates F as t-on T erminals
Max 19.10 12.40 1.07 O / 11.23 19.10
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Peak Repetitive Reverse voltage Working Peak Reverse voltage DC Blocking voltage RMS Reverse voltage Average Rectified Output Current @ TC=55E VRMM VRWM VR VR(RMS) Io IFSM VFM IR I2t Cj ReJA Tj TSTG
KBPC40 KBPC40 KBPC40 KBPC40 KBPC40 KBPC40 KBPC40 005/W 01/W 02/W 04/W 06/W 08/W 10/W
50 35 100 70 200 140 400 280 40 500 1.2 10 1.0 800 300 1.5 -50 to +150 600 420 800 560 1000 700
Units
Volts Volts Amps Amps Volts i A mA A2S pF E /W E
Non-Repetitive Peak Forward Surge Current, 8.3ms single half-sine-wave superimposed on rated load (JEDEC method) Forward voltage (per element) Peak Reverse Current at Rated DC Blocking voltage @ IF=20 A @ TC=25E @ TC=125E
I2t Rating for Fusing (t<8.3ms) (Note 2) Typical Junction Capacitance (Note 3) Typical Thermal Resistance Junction to Case Operating and Storage Temperature Range
Notes:
(1) Thermal resistance junction to case mounted on heat sink. (2) Measured at non-repetitive, for t > 1.0ms and < 8.3ms. (3) Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
RATINGS AND CHARACTERISTIC CURVES KBPC40005/W THRU KBPC4010/W
I F , INS TANTANE OUS F OR WAR D C UR R E NT (A)
40 I F , AV E R AG E F OR WAR D C UR R E NT (A)
Mounted on a 220 x 220 x 50mm AL plate heats ink
100
30
10
20
1.0
10
0.1
T j = 25 C
R es is tive or Inductive load
0
0.01 0 0.2 0.4 0.6 0.8 1.0
P uls e Width = 300 s
0
25
50
75
100
125
150
1.2
1.4
1.6 1.8
T C , C AS E T E MP E R AT UR E ( C ) F ig. 1 F orward. C urrent Derating C urve.
V F , INS TANTANE OUS F OR WAR D V OLTAG E (V ) F ig. 2 Typical F orward C haracteris tics (per element)
I F S M, P E AK F OR WAR D. S UR G E C UR R E NT (A)
400
A I R , INS TANTANE OUS R E V E R S E C UR R E NT( )
S ingle Half ine Wave S (J E DE C Method)
10
T j = 100 C
300
1.0
200
100
0.1
T j = 25C
0 1
T j = 150 C
0.01 0 20 40 60 80 100 120 140 P E R C E NT OF R AT E D P E AK R E V E R S E V OLTAG E (% ) F ig. 4 Typical R evers e C haracteris tics (per element)
10
100
NUMB E R OF C Y LE S AT 60 Hz C F ig. 3 Max imum Non- epetitive S urge C urrent R


▲Up To Search▲   

 
Price & Availability of KBPC40005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X